Part Number Hot Search : 
09016 2SK16 PR100 AZ420 LC6543F FM4005 1SMA5934 MP356W
Product Description
Full Text Search
 

To Download 1N4007S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) features  high efficiency, low vf  high current capability  high reliability  high surge current capability  low power loss  0.6mm leads mechanical data  cases: molded plastic  epoxy: ul 94v-0 rate flame retardant  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375, ( 9.5mm ) lead lengths at 5 lbs.,(2.3kg) tension  weight: 0.22 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol 1n 4001s 1n 4002s 1n 4003s 1n 4004s 1n 4005s 1n 4006s 1n 4007s units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current .375(9.5mm) lead length @t a = 75 o c i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @1.0a v f 1.0 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 50 ua ua maximum full load reverse current, full cycle average .375(9.5mm) lead length @t a =75 o c ht ir 30 ua typical junction capacitance ( note 1 ) cj 15 pf typical thermal resistance ( note 2 ) r ja 50 o c/w operating and storage temperature range t j ,t stg -65 to +150 o c notes: 1. measured at 1 mhz and applied reverse voltage of 4..0 volts d.c. 2. mount on cu-pad size 5mm x 5m on p.c.b. 1n4001s-1N4007S 1.0 amp. silicon recrifiers a-405/a-405f http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (1n4001s thru 1N4007S) fig.3- maximum non-repetitive forward surge current peak forward surge current. (a) 10 806040 20 28 64 1 100 10 20 40 30 0 50 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.1- maximum forward current derating curve average forward rectified current amperes 25 0 50 75 100 125 150 175 0.4 0.6 0 0.2 0.8 1 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length fig.2- typical reverse characteristics instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.01 0.04 0.4 0.1 1 4 10 percent of rated peak reverse voltage. (%) tj=125 c 0 tj=25 c 0 fig.5- typical forward characteristics instantaneous forward current. (a) 1.5 0.6 0.8 1.0 1.2 1.4 0.01 20 10 2 1 0.4 0.2 0.04 0.1 0.02 tj=25 c pulse width=300 s 1% duty cycle o forward voltage. (v) fig.4- typical junction capacitance junction capacitance.(pf) 0.1 0.2 0.4 1 100 4020 24 10 1 60 100 40 20 10 6 4 2 reverse voltage. (v) tj=25 c 0 200 1n4001s-1N4007S 1.0 amp. silicon recrifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of 1N4007S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X